Part Number Hot Search : 
2SJ425 SP8908 QAF65 LM78M10 5604B MAX5188 P6KE6 55162
Product Description
Full Text Search
 

To Download 60N03S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss 30v fast switching r ds(on) 13.5m simple drive requirement i d 55a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value unit rthj-c thermal resistance junction-case max. 2.0 /w rthj-a thermal resistance junction-ambient max. 62 /w data & specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 62.5 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.5 continuous drain current, v gs @ 10v 35 pulsed drain current 1 215 gate-source voltage continuous drain current, v gs @ 10v 55 parameter rating drain-source voltage 30 200218032 ap60N03S the advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-263 package is universally preferred for all commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap60n03p) is available for low-profile applications. 20 g d s to-263 g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.037 -v/ r ds(on) static drain-source on-resistance v gs =10v, i d =28a - 11.5 13.5 m v gs =4.5v, i d =22a - 18 20 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =28a - 30 - s i dss drain-source leakage current (t j =25 o c) v ds =30v, v gs =0v - - 1 ua drain-source leakage current (t j =150 o c) v ds =24v, v gs =0v - - 25 ua i gss gate-source forward leakage v gs =-- na q g total gate charge 2 i d =28a - 22.4 - nc q gs gate-source charge v ds =24v - 2.7 - nc q gd gate-drain ("miller") charge v gs =5v - 14 - nc t d(on) turn-on delay time 2 v ds =15v - 7.4 - ns t r rise time i d =28a - 81 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 24 - ns t f fall time r d =0.53 -18- ns c iss input capacitance v gs =0v - 950 - pf c oss output capacitance v ds =25v - 440 - pf c rss reverse transfer capacitance f=1.0mhz - 145 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.3v - - 55 a i sm pulsed source current ( body diode ) 1 - - 215 a v sd forward on voltage 2 t j =25 , i s =55a, v gs =0v - - 1.3 v notes: 1.pulse width limited by safe operating area. 2.pulse width < 300us , duty cycle < 2%. ap60N03S 20v 100
fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature ap60N03S 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =28a 10 12 14 16 18 20 34567891011 v gs (v) r ds(on) (m ) i d =28a t c =25 o c 0 50 100 150 200 012345678 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c v g =10v v g =8.0v v g =6.0v v g =4.0v 0 50 100 150 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c v g =4.0v v g =6.0v v g =8.0v v g =10v
fig 5. maximum drain current v.s. fig 6. typical power dissipation case temperature fig 7. maximum safe operating area fig 8. effective transient thermal impedance ap60N03S 0 5 10 15 20 25 30 35 40 45 50 55 60 25 50 75 100 125 150 t c , case temperature ( o c) i d , drain current (a) 0 20 40 60 0 50 100 150 t c , case temperature ( o c) p d (w) 1 10 100 1000 1 10 100 v ds (v) i d (a) t c =25 o c single pulse 10us 100us 1ms 10ms 100ms 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty=0.5 single pulse
fig 9. gate charge characteristics fig 10. typical capacitance characteristics fig 11. forward characteristic of fig 12. gate threshold voltage v.s. reverse diode junction temperature ap60N03S 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c) v gs(th) (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v sd (v) i s (a) t j =25 o c t j =150 o c 0 2 4 6 8 10 12 14 0 5 10 15 20 25 30 35 40 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =24v v ds =20v v ds =16v i d =28a 100 1000 10000 1 5 9 13 17 21 25 29 v ds (v) c (pf) f =1.0mhz ciss coss crss
ap60N03S fig 13. switching time circuit fig 14. switching time waveform fig 15. gate charge circuit fig 16. gate charge waveform t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 5v q gs q gd q g charge 0.5x rated v ds to the oscilloscope - + 10 v d g s v ds v gs r g r d 0.8 x rated v ds to the oscilloscope - + d g s v ds v gs i d i g 1~ 3 m a


▲Up To Search▲   

 
Price & Availability of 60N03S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X